Part Number Hot Search : 
EL2142CN 2SK1465 78L06 CY2308 OBC100 BAW7604 LM317K LA4280
Product Description
Full Text Search
 

To Download BZX55C12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZX55C2V0BZX55C75
SILICON PLANAR ZENER DIODE
FEATURES
* Zener Voltage Range 2.0 to 75 Volts * DO-35 Package (JEDEC) * Through-Hole Device Type Mounting * Hermetically Sealed Glass * Compression Bonded Construction * All external surfaces are corrosion resistant and leads are readily solderable
.022 (0.56) DIA. .018 (0.46) 1.02 (26.0) MIN.
DO-35
.165 (4.2) MAX. .079 (2.0) MAX. 1.02 (26.0) MIN. DIA.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified.
Dimensions in inches and (millimeters) MAXIMUM RATINGES ( @ TA = 25 C unless otherwise noted ) RATINGS Power Dissipation Junction Temperature Storage Temperature Range Note: "Fully RoHS Compliant", "100% Sn Plating (Pb-free)". SYMBOL PD TJ Tstg VALUE 500 200 -65to+200 UNITS mW
O
o
C C
O
VB 2007-4
ELECTRICAL CHARACTERISTICS
VZT@IZT TYPE MIN BZX55C2V0 BZX55C2V2 BZX55C2V4 BZX55C2V7 BZX55C3V0 BZX55C3V3 BZX55C3V6 BZX55C3V9 BZX55C4V3 BZX55C4V7 BZX55C5V1 BZX55C5V6 BZX55C6V2 BZX55C6V8 BZX55C7V5 BZX55C8V2 BZX55C9V1 BZX55C10 BZX55C11 BZX55C12 BZX55C13 BZX55C15 BZX55C16 BZX55C18 BZX55C20 BZX55C22 BZX55C24 BZX55C27 BZX55C30 BZX55C33 BZX55C36 BZX55C39 1.88 2.08 2.28 2.51 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37
(@TA=25 C unless otherwise specified)
O
ZZT@IZT
ZZT@IZT
IR@VR
(Volts)
MAX 2.11 2.33 2.56 2.89 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.1 23.3 25.6 28.9 32 35 38 41
(mA)
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
IZT
(W)
MAX 100 100 85 85 85 85 85 85 75 60 35 25 10 8 7 7 10 15 20 20 26 30 40 50 55 55 80 80 80 80 80 90
(mA)
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0.5
IZT
(W)
MAX 600 600 600 600 600 600 600 600 600 600 550 450 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 220 220 220 220 500
(uA)
MAX 100 100 50 10 4 2 2 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
(Volts)
1 1 1 1 1 1 1 1 1 1 1 1 2 3 5 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 28
VR
ELECTRICAL CHARACTERISTICS
VZT@IZT TYPE MIN BZX55C43 BZX55C47 BZX55C51 BZX55C56 BZX55C62 BZX55C68 BZX55C75 40 44 48 52 58 64 70
(@TA=25 C unless otherwise specified)
O
ZZT@IZT
ZZT@IZT
IR@VR
(Volts)
MAX 46 50 54 60 66 72 80
(mA)
2.5 2.5 2.5 2.5 2.5 2.5 2.5
IZT
(W)
MAX 90 110 125 135 150 160 170
(mA)
0.5 0.5 0.5 0.5 0.5 0.5 0.5
IZT
(W)
MAX 600 700 700 1000 1000 1000 1000
(uA)
MAX 0.1 0.1 0.1 0.1 0.1 0.1 0.1
(Volts)
32 35 38 42 47 51 56
VR
RATING AND CHARACTERISTICS CURVES ( BZX55C2V0-BZX55C75)
RqJA,THERMAL RESISTANCE JUNCTION TO AMBIENT(K/W)
PD, TOTAL POWER DISSIPATION (mW)
500 400 300 200 100 0
500 400
300 200 100 0
0
40
80
120
160
200
0
5
10
I,LEAD LENGTH(mm)
15
20
TA, AMBIENT TEMPERATURE
Figure1 Power Dissipation vs Ambient Temperature
DIFFERENTIAL ZENER RESISTANCE(W)
Figure2 Thermal Resistance vs Lead Length
1000
TJ=25 C
O
200 CJ,DIODE CAPACITANCE(pF)
VR=2V
150
TJ=25 C
O
100
5mA
IZ=1mA
100
10
50
10mA
0
0
5
10
15
20
25
1
0
5
10
15
20
25
VZ, ZENER VOLTAGE(V)
VZ, ZENER VOLTAGE(V)
Figure3 Diode Capacitance vs Zener Voltage
Figure4 Differential Zener Impedance
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.


▲Up To Search▲   

 
Price & Availability of BZX55C12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X